Part Number Hot Search : 
55473 XN01457 25VF064C UR13205 T52C2 TSP150BL IRLI530N TA124
Product Description
Full Text Search
 

To Download P4KE68C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  essor 400 watt transient voltage suppr m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 1 cop y right ? 200 3 6-09 2003 rev a w w w . mi c r o s e m i . c o m scottsd a l e division p4ke6.8 thru p4ke4 00 p4ke6.8 thru 400 descripti on appeara n c e this 400 w tran sie n t vol t age sup p re ssor (tvs) se ries is an e c onomi c al molded axial - leade d packa ge to prote c t voltage-sen s i t ive compon e n ts from destructive o r partial de gra dation. they have a pea k pulse p o wer rating of 400 watts fo r a 10/1 000 s a s d epi cted in fig u re s 1 and 2. th e nomin al brea kd own v o ltage s (v br ) in this se rie s extend fro m 6.8 to 40 0 vol t s. each voltage sele ction is also av ailable i n bidi rection a l by a dding a c or ca suffix to the part nu mber. import a n t : f o r the most cur r e n t data, consult mi c r os e m i ? s w e bsite: http:// www .microsemi.com features a p p l i c at ions / be ne fi ts ? econom ical se ries for thru-ho l e mounti ng ? avail abl e in b o th uni directi o n a l and bi- d irecti o nal (a dd c or ca suffix t o part numb e r for bid i rectio nal ) ? voltag es from 6.8 to 400 v br eakd o w n (v br ) ? suppr esses tra n sie n ts up to 4 00 w a tts @ 10/ 100 0 s (see f i gur e 1) ? f a st respons e ? options for screen ing i n accor danc e w i th mil - prf - 195 00 for jan, jant x, jan t xv, or jans ar e avail a b l e b y a d d in g mq, mx, mv, or msp prefixes respectiv e l y to part numb e rs ? surface mou n t equ ival ents av aila bl e as smbjp4ke6.8 to smbjp4ke400ca ? moisture cl assi fication is l e ve l 1 w i t h no dr y pack requ ired p e r ipc/jedec j-std-02 0b ? protects sensiti v e compo n e n ts such as ic?s, cmos, bipolar, bicmos, ec l, dt l, t 2 l, etc. ? protection from s w itch in g tran sients & ind u ce d rf ? compl i a n t to iec61 000- 4-2 a nd iec61 0 0 0 -4 -4 for esd and ef t protectio n resp ectivel y ? secon dar y li gh tning pr otectio n per iec61 0 0 0 -4-5 w i t h 42 ohms source im ped a n ce: class 1: p4ke5.0 to p4ke91a or ca class 2: p4ke5.0 to p4ke47a or ca class 3: p4ke5.0 to p4ke24a or ca class 4: p4ke5.0 to p4ke12a or ca ? secon dar y li gh tning pr otectio n per iec61 0 0 0 -4-5 w i t h 12 ohms source im ped a n ce: class 1: p4ke5.0 to p4ke30a or ca class 2: p4ke5.0 to p4ke15a or ca max i mu m rat ing s mechan ic al an d pa ckagin g ? operatin g an d storage t e mperature: -65 c to + 150 c ? peak puls e po w e r: 400 w a tts at 10/100 0 s (see f i gure 1, 2 a n d 3 for t w , w a vef o rm and d e rati ng effects) ? impulse re petiti on rate (dut y f a ctor): 0.01% ? t hermal resist ance: 50 c/w juncti on to le ad s @ 3/8 inch (10 mm) fr om body , or 110 c/w junction to ambi ent w h e n mounte d on f r 4 pc bo ard w i th 4 mm 2 copp er pa ds (1 oz) and track w i dth 1 mm, len g th 25 mm ? stead y-state p o w e r: 2.5 w a tts @ t l =2 5 c a t 3/8 inch (10 mm) fr om body , or 1. 13 w at t a = 25 o c on f r 4 pc boar d descri bed for thermal r e sista n ce ? f o r w a r d vo ltag e at 25 c: 3.5 v @ 30 a w i t h 8.3 ms half-si ne w a v e (uni directi ona l onl y) ? sold er temper atures: 260 c for 10 s (max i mum) ? case: void-free transfer mol ded therm o sett ing epo xy b o d y me eting u l 9 4 v-0 ? f i nish: t i n-l ead p l ate d ove r copper a nd re adil y sold erab le p e r mil-st d-750, method 2 0 2 6 ? marking: bod y mark ed w i t h part number ? polarit y : band d e n o tes cathod e. bidire ctiona l not marked ? w e igh t : 0.3 grams (appr o x imate) ? t ape & reel optio n: standa rd per eia-296 (add ?t r? suffix to part number) ? see pack a g e d i mensi ons o n l a st page do -41 ( d o - 20 4a l )
400 watt transient voltage suppr essor scottsd a l e division p4ke6.8 thru p4ke4 00 w w w . mi c r o s e m i . c o m p4ke6.8 thru 400 elec tric al ch ara cteri s tic s @ 25 o c bre a k d o wn v o l t a g e v (br) @ i (br) ra t e d st a nd- 0 f f vo lt a g e v wm min. m a x . m a ma x i m u m cl a m pin g vo lt a g e v c @ i pp ma x i m u m st a ndby curren t i d @ v wm ma x i m u m pe a k pulse curren t i pp ma x i m u m temper a t ure coef ficien t of v (b r) v ( br) type number v vdc vdc v u a d c a % / o c p4ke6.8 p4ke6.8a p4ke7.5 p4ke7.5a 5.50 5.80 6.05 6.40 6.12 6.45 6.75 7.13 7.48 7.14 8.25 7.88 10 10 10 10 10.8 10.5 11.7 11.3 500 500 200 200 37 38 34 35 .057 .057 .061 .061 p4ke8.2 p4ke8.2a p4ke9.1 p4ke9.1a 6.63 7.02 7.37 7.78 7.38 7.79 8.19 8.65 9.02 8.61 10.0 9.55 10 10 1 1 12.5 12.1 13.8 13.4 100 100 20 20 32 33 29 30 .065 .065 .068 .068 p4ke10 p4ke10a p4ke11 p4ke11a 8.10 8.55 8.92 9.40 9.00 9.50 9.90 10.5 11.0 10.5 12.1 11.6 1 1 1 1 15.0 14.5 16.2 15.6 20 5 2 2 27 28 25 26 .073 .073 .075 .075 p4ke12 p4ke12a p4ke13 p4ke13a 9.72 10.2 10.5 11.1 10.8 11.4 11.7 12.4 13.2 12.6 14.3 13.7 1 1 1 1 17.3 16.7 19.0 18.2 2 2 2 2 23 24 21 22 .078 .078 .081 .081 p4ke15 p4ke15a p4ke16 p4ke16a 12.1 12.8 12.9 13.6 13.5 14.3 14.4 15.2 16.5 15.8 17.6 16.8 1 1 1 1 22.0 21.2 23.5 22.5 2 2 2 2 18 19 17 18 .084 .084 .086 .086 p4ke18 p4ke18a p4ke20 p4ke20a 14.5 15.3 16.2 17.1 16.2 17.1 18.0 19.0 19.8 18.0 22.0 21.0 1 1 1 1 26.5 25.2 29.1 27.7 2 2 2 2 15 16 14 14.5 .088 .088 .090 .090 p4ke22 p4ke22a p4ke24 p4ke24a 17.8 18.8 19.4 20.5 19.8 20.9 21.6 22.8 24.2 23.1 26.4 25.2 1 1 1 1 31.9 30.6 34.7 33.2 2 2 2 2 12.5 13 11.5 12 .092 .092 .094 .094 p4ke27 p4ke27a p4ke30 p4ke30a 21.8 23.1 24.3 25.6 24.3 25.7 27.0 28.5 29.7 28.4 33.0 31.5 1 1 1 1 39.1 37.5 43.5 41.4 2 2 2 2 10 11 9.0 9.5 .096 .096 .097 .097 p4ke33 p4ke33a p4ke36 p4ke36a 26.8 28.2 39.1 30.8 29.7 31.4 32.4 34.2 36.3 34.7 39.6 37.8 1 1 1 1 47.7 45.7 52.0 49.9 2 2 2 2 8.5 9.0 7.5 8.0 .098 .098 .099 .099 p4ke39 p4ke39a p4ke43 p4ke43a 31.6 33.3 34.8 36.8 35.1 37.1 38.7 40.9 42.9 41.0 47.3 45.2 1 1 1 1 56.4 53.9 61.9 59.3 2 2 2 2 7.0 7.5 6.5 7.0 .100 .100 .101 .101 p4ke47 p4ke47a p4ke51 p4ke51a 38.1 40.2 41.3 43.6 42.3 44.7 45.9 48.5 51.7 49.4 56.1 53.6 1 1 1 1 67.8 64.8 73.5 70.1 2 2 2 2 5.9 6.2 5.4 5.7 .101 .101 .102 .102 p4ke56 p4ke56a p4ke62 p4ke62a 45.4 47.8 50.2 53.0 50.4 53.2 55.8 58.9 61.6 58.8 68.2 65.1 1 1 1 1 80.5 77.0 89.0 85.0 2 2 2 2 5.0 5.2 4.5 4.7 .103 .103 .104 .104 p4ke68 p4ke68a p4ke75 p4ke75a 55.1 58.1 60.7 64.1 61.2 64.6 67.5 71.3 74.8 71.4 82.5 78.8 1 1 1 1 98.0 92.0 108.0 103.0 2 2 2 2 4.1 4.4 3.7 3.9 .104 .104 .105 .105 m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 2 cop y right ?
400 watt transient voltage suppr essor scottsd a l e division p4ke6.8 thru p4ke4 00 w w w . mi c r o s e m i . c o m p4ke6.8 thru 400 bre a k d o wn v o l t a g e v (br) @ i (br) ra t e d st a nd- 0 f f vo lt a g e v wm min. m a x . m a ma x i m u m cl a m pin g vo lt a g e v c @ i pp ma x i m u m st a ndby curren t i d @ v wm ma x i m u m pe a k pulse curren t i pp ma x i m u m temper a t ure coef ficien t of v (b r) v ( br) type number v vdc vdc v u a d c a % / o c p4ke82 p4ke82a p4ke91 p4ke91a 66.4 70.1 73.7 77.8 73.8 77.9 81.9 86.5 90.2 86.1 100.0 95.5 1 1 1 1 118.0 113.0 131.0 125.0 2 2 2 2 3.4 3.5 3.1 3.2 .105 .105 .106 .106 p4ke100 p4ke100a p4ke110 p4ke110a 81.0 85.5 89.2 94.0 90.0 95.0 99.0 105.0 110.0 105.0 121.0 116.0 1 1 1 1 144.0 137.0 158.0 152.0 2 2 2 2 2.8 2.9 2.5 2.6 .106 .106 .107 .107 p4ke120 p4ke120a p4ke130 p4ke130a 97.2 102.0 105.0 111.0 108.0 114.0 117.0 124.0 132.0 126.0 143.0 137.0 1 1 1 1 173.0 165.0 187.0 179.0 2 2 2 2 2.3 2.4 2.1 2.2 .107 .107 .107 .107 p4ke150 p4ke150a p4ke160 p4ke160a 121.0 128.0 130.0 136.0 135.0 143.0 144.0 152.0 165.0 158.0 176.0 168.0 1 1 1 1 215.0 207.0 230.0 219.0 2 2 2 2 1.9 1.95 1.7 1.8 .108 .108 .108 .108 p4ke170 p4ke170a p4ke180 p4ke180a 138.0 145.0 146.0 154.0 153.0 162.0 162.0 171.0 187.0 179.0 198.0 189.0 1 1 1 1 244.0 234.0 258.0 246.0 2 2 2 2 1.6 1.7 1.5 1.6 .108 .108 .108 .108 p4ke200 p4ke200a p4ke220 p4ke220a 162.0 171.0 175.0 185.0 180.0 190.0 198.0 209.0 220.0 210.0 242.0 231.0 1 1 1 1 287.0 274.0 344.0 328.0 2 2 2 2 1.4 1.5 1.0 1.0 .108 .108 .110 .110 p4ke250 p4ke250a p4ke300 p4ke300a 202.0 214.0 243.0 256.0 225.0 237.0 270.0 285.0 275.0 263.0 330.0 315.0 1 1 1 1 360.0 344.0 430.0 414.0 2 2 2 2 1.0 1.0 1.0 1.0 .110 .110 .110 .110 p4ke350 p4ke350a p4ke400 p4ke400a 284.0 300.0 324.0 342.0 315.0 333.0 360.0 380.0 385.0 368.0 440.0 420.0 1 1 1 1 504.0 482.0 574.0 548.0 2 2 2 2 1.0 1.0 1.0 1.0 .110 .110 .110 .110 for w a r d voltage (vf) @ 3 0 amps peak, 8.3 ms sine wave equal to 3. 5 volts maximum for p4ke6.8 t o 200. (e xcluding bidirectional) for bi-dir ectional constr uction, indicate a c or ca s u ffix after part nu mber, i.e. p4ke1 70ca. sy mbol s & defin i ti ons sy m b o l d e f i n i t i o n sy m b o l d e f i n i t i o n v wm w o rking p eak ( s tandoff) volta ge i pp peak puls e cu rrent p pp peak puls e po w e r v c clamp in g volta ge v (b r) breakd o w n v o l t age i (b r) breakd o w n c u rrent for v (b r) i d standb y c u rre nt m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 3 cop y right ?
400 watt transient voltage suppr essor m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 4 cop y right ? w w w . mi c r o s e m i . c o m scottsd a l e division p4ke6.8 thru p4ke4 00 p4ke6.8 thru 400 graphs figure 1 test w a veform p a ramete rs: tr=10 figure 2 pulse waveform for expo nential surge pac k ag e dimen s io ns note : cath ode indicated b y band . all dimensions in millimeter s ( i nch e s) c ? ca pa cita nce - pi cofarads t l lead tempe r ature o c v (br) - breakdown voltage ? volts peak pulse power ( p pp ) or conti nuous power in percent of 25 o c rating figure 3 figure 4 derating curve p4ke typical capa citan c e vs. brea kdo w n v o ltage (unip o l ar)


▲Up To Search▲   

 
Price & Availability of P4KE68C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X